Part Number Hot Search : 
216200 D150M CA2813B SKIIP KA7805E 69200 MHR66TF 2N5108
Product Description
Full Text Search
 

To Download MHST05023Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks 1/4", 1/2", and 1" Transverse and Longitudinal Kits RoHS Compliant
Features
Compliant to RoHS EU Directive 2002/95/EC (Z versions) including screws Heat Sink Material: 6063-T5 Aluminum Heat Sink Finish: Black anodize per MIL-A-8625, Type II, Class 2 Size: Length: 2.28 in. Width: 1.45 in. Available heights: 1/4", 1/2", 1" Available in Longitudinal and Transverse Orientations ISO** 9001 and ISO 14001 certified manufacturing facilities
Description
This document contains ordering information and assembly instructions for heat sinks to be used with Lineage Power's Quarter Brick power modules equipped with the base plate option (-H option in the module part number). The base plate is factory attached to the module and is designed to make thermal contact with the power dissipating components on the module and conduct this heat to the outer surface of the base plate. If a heat sink is attached to this surface of the base plate, it is possible to deliver increased output power for a specific ambient air temperature and airflow rate. Please consult the individual modules' data sheet for additional thermal and mechanical information on the module's base plate. These heat sink kits come complete with the heat sink, thermal interface material and attachment screws. There are different heat sink kits for each the quarter brick family groups, because the base plate thickness is different in each group, requiring different screw lengths to achieve minimum thread engagement, and also not protrude beneath the base plate onto the modules' top side components. Please take care in ordering the proper kit, based upon which quarter brick family group is being equipped with a heat sink. It is not possible to order heat sinks attached to modules from the factory. Modules with attached heat sinks can be large and heavy. Suitable shipping packaging material does not exist to insure that no damage occurs to the module/heat sink assembly.
** ISO is a registered trademark of the International Organization of Standards
Document No: PO08-003 ver. 1.2 PDF name: quarter_hs_po.pdf
Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Mechanical Outline 1/4" Transverse
Dimensions are in inches Tolerances: x.xx in. 0.01 in. [unless otherwise indicated] x.xxx in 0.005 in.
LINEAGE POWER
2
Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Mechanical Outline 1/4" Longitudinal
Dimensions are in inches Tolerances: x.xx in. 0.01 in. [unless otherwise indicated] x.xxx in 0.005 in.
LINEAGE POWER
3
Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Mechanical Outline 1/2" Transverse
Dimensions are in inches Tolerances: x.xx in. 0.01 in. [unless otherwise indicated] x.xxx in 0.005 in.
LINEAGE POWER
4
Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Mechanical Outline 1/2" Longitudinal
Dimensions are in inches Tolerances: x.xx in. 0.01 in. [unless otherwise indicated] x.xxx in 0.005 in.
LINEAGE POWER
5
Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Mechanical Outline 1" Transverse
Dimensions are in inches Tolerances: x.xx in. 0.01 in. [unless otherwise indicated] x.xxx in 0.005 in.
LINEAGE POWER
6
Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Mechanical Outline 1" Longitudinal
Dimensions are in inches Tolerances: x.xx in. 0.01 in. [unless otherwise indicated] x.xxx in 0.005 in.
LINEAGE POWER
7
Product Option Sheet April 3, 2008
Quarter Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Assembly Exploded View (1" Transverse shown, same procedure for all heat sinks)
Screw M3 X 0.5, carbon steel, philips pan head with external tooth captive lock washer. Length ofof screw the Length screw under thermal pad bottom surface must determined by kit. not exceed 0.080" (2.03 mm) Torque = 5 in. lb max. Qty. 4
1" Transverse heat sink Qty. 1
Thermal Pad attached to the heat sink, Thk = 0.0055" Qty. 1
QRXXXXXXX Module -H option Qty. 1
LINEAGE POWER
8
Product Option Sheet April 3, 2008
Eighth Brick Power Module Heat Sinks: 1/4", 1/2", 1" Longitudinal and Transverse Heat Sinks
Ordering Information
Please contact your Lineage Power Sales Representative for pricing and availability. Table 1. Device Codes
QRW/QPW Series Family Group Heat Sink Kits Part Number MHST02520Z MHSL02520Z MHST05020Z MHSL05020Z MHST10020Z MHSL10020Z Part Number MHST02523Z MHSL02523Z MHST05023Z MHSL05023Z MHST10023Z MHSL10023Z Part Number MHST02525Z MHSL02525Z MHST05025Z MHSL05025Z MHST10025Z MHSL10025Z Description 1/4" Transverse Kit 1/4" Longitudinal Kit 1/2" Transverse Kit 1/2" Longitudinal Kit 1" Transverse Kit 1" Longitudinal Kit Description 1/4" Transverse Kit 1/4" Longitudinal Kit 1/2" Transverse Kit 1/2" Longitudinal Kit 1" Transverse Kit 1" Longitudinal Kit Description 1/4" Transverse Kit 1/4" Longitudinal Kit 1/2" Transverse Kit 1/2" Longitudinal Kit 1" Transverse Kit 1" Longitudinal Kit Screw included M3 x .5 x 3.556mm M3 x .5 x 3.556mm M3 x .5 x 4.572mm M3 x .5 x 4.572mm M3 x .5 x 4.572mm M3 x .5 x 4.572mm Screw included M3 x .5 x 4mm M3 x .5 x 4mm M3 x .5 x 5mm M3 x .5 x 5mm M3 x .5 x 5mm M3 x .5 x 5mm Screw included M3 x .5 x 8mm M3 x .5 x 8mm M3 x .5 x 8mm M3 x .5 x 8mm M3 x .5 x 8mm M3 x .5 x 8mm Comcode CC848795897 CC848795666 CC848795906 CC848795674 CC848795914 CC848795682 Comcode CC848788604 CC848788612 CC848788620 CC848788637 CC848788694 CC848788728 Comcode CC848795955 CC848795922 CC848795963 CC848795930 CC848795971 CC848795947
QBE/QBK/QBW Series Family Group Heat Sink Kits
QW Series Family Group Heat Sink Kits
-Z Indicates RoHS Compliant Versions
Asia-Pacific Headquarters Tel: +65 6416 4283 Europe, Middle-East and Africa Headquarters Tel: +49 89 6089 286 India Headquarters Tel: +91 80 28411633
World Wide Headquarters Lineage Power Corporation 3000 Skyline Drive, Mesquite, TX 75149, USA +1-800-526-7819 (Outside U.S.A.: +1-972-284-2626) www.lineagepower.com e-mail: techsupport1@lineagepower.com
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. (c) 2008 Lineage Power Corporation, (Mesquite, Texas) All International Rights Reserved.
Document No: PO08-003 ver. 1.2 PDF name: quarter_hs_po.pdf


▲Up To Search▲   

 
Price & Availability of MHST05023Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X